Part Number Hot Search : 
Z1000 H5502K APTGT5 30211506 BC547B ER806 70430 RCM2090R
Product Description
Full Text Search
 

To Download 2SK3663 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK3663
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
DESCRIPTION
The 2SK3663 is a switching device which can be driven directly by a 2.5 V power source. The 2SK3663 features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.
PACKAGE DRAWING (Unit: mm)
FEATURES
* 2.5 V drive available * Low on-state resistance RDS(on)1 = 0.57 MAX. (VGS = 4.5 V, ID = 0.30 A) RDS(on)2 = 0.60 MAX. (VGS = 4.0 V, ID = 0.30 A) RDS(on)3 = 0.88 MAX. (VGS = 2.5 V, ID = 0.15 A)
ORDERING INFORMATION
PART NUMBER 2SK3663 PACKAGE SC-70 (SSP)
Remark Marking : G26
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) Drain Current (pulse)
Note1 Note2
EQUIVALENT CIRCUIT
VDSS VGSS ID (DC) 20 12 0.5 2.0 0.2 150 -55 to +150 V V A A W C C
Gate Body Diode Drain
ID (pulse) PT Tch Tstg
Total Power Dissipation Channel Temperature Storage Temperature
Gate Protection Diode
Source
Notes 1. PW 10 s, Duty Cycle 1% 2 2. Mounted on FR-4 board of 2500 mm x 1.1 mm Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. D16529EJ1V0DS00 (1st edition) Date Published January 2003 NS CP(K) Printed in Japan
2003
2SK3663
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate Cut-off Voltage
Note
SYMBOL IDSS IGSS VGS(off) | yfs |
Note
TEST CONDITIONS VDS = 20 V, VGS = 0 V VGS = 12 V, VDS = 0 V VDS = 10 V, ID = 1.0 mA VDS = 10 V, ID = 0.30 A VGS = 4.5 V, ID = 0.30 A VGS = 4.0 V, ID = 0.30 A VGS = 2.5 V, ID = 0.15 A VDS = 10 V VGS = 0 V f = 1.0 MHz VDD = 10 V, ID = 0.30 A VGS = 4.0 V RG = 10
MIN.
TYP.
MAX. 1.0 10
UNIT
A A
V S
0.5 0.25
1.0 0.75 0.38 0.41 0.60 28 11 7 20 51 94 87
1.5
Forward Transfer AdmittanceNote Drain to Source On-state Resistance
RDS(on)1 RDS(on)2 RDS(on)3
0.57 0.60 0.88
pF pF pF ns ns ns ns V
Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Body Diode Forward Voltage
Ciss Coss Crss td(on) tr td off) tf VF(S-D)
IF = 0.5 A, VGS = 0 V
0.87
Note Pulsed : PW350 s, Duty Cycle2%
TEST CIRCUIT SWITCHING TIME
D.U.T. RL VGS PG. RG
Wave Form
VGS
0 10% VGS 90%
VDD
VDS
90% 90% 10% 10%
VGS 0 = 1 s Duty Cycle 1%
VDS
VDS
Wave Form
0 td(on) ton
tr
td(off) toff
tf
2
Data Sheet D16529EJ1V0DS
2SK3663
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA
120
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE
0.24
dT - Percentage of Rated Power - %
PT - Total Power Dissipation - W
100
0.2
80
0.16
60
0.12
40
0.08 Mounted on FR-4 board of 2 2500 mm x 1.1 mm
20
0.04
0 0 25 50 75 100 125 150 175
0 0 25 50 75 100 125 150 175
TA - Ambient Temperature - C
TA - Ambient Temperature - C
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
2 Pulsed VGS = 4.5 V 1.6 4.0 V 1.2 2.5 V 0.8
FORWARD TRANSFER CHARACTERISTICS
10 VDS = 10 V Pulsed
ID - Drain Current - A
ID - Drain Current - A
1
0.1 TA = 125C 75C 25C -25C
0.01
0.4
0.001
0 0 0.4 0.8 1.2 1.6
0.0001 0 0.5 1 1.5 2 2.5 3
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE | yfs | - Forward Transfer Admittance - S
1.4
10
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT
VDS = 10 V Pulsed
VGS(off) -Gate Cut-off Voltage - V
VDS = 10 V ID = 1.0 mA 1.2
1
1
TA = -25C 25C 75C 125C
0.8
0.1
0.6
0.4 -50 0 50 100 150
0.01 0.001
0.01
0.1
1
10
Tch - Channel Temperature - C
ID - Drain Current - A
Data Sheet D16529EJ1V0DS
3
2SK3663
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE RDS(on) - Drain to Source On-state Resistance - RDS(on) - Drain to Source On-state Resistance -
1.2 Pulsed 1 VGS = 2.5 V, ID = 0.15 A 0.8
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE
1.2 ID = 0.30 A 1 Pulsed
0.8
0.6
0.6
0.4 VGS = 4.0 V, ID = 0.30 A 0.2 VGS = 4.5 V, ID = 0.30 A
0.4
0.2
0 -50 0 50 100 150
0 0 2 4 6 8 10 12
Tch - Channel Temperature - C
VGS - Gate to Source Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT RDS(on) - Drain to Source On-state Resistance -
VGS = 4.5 V Pulsed 1 TA = 125C 75C
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT RDS(on) - Drain to Source On-state Resistance -
1.2 VGS = 4.0 V Pulsed 1 TA = 125C 75C 0.6
1.2
0.8
0.8
0.6
0.4 25C 0.2 -25C
0.4 25C 0.2 -25C
0 0.01
0.1
1
10
0 0.01
0.1
1
10
ID - Drain Current - A
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT RDS(on) - Drain to Source On-state Resistance -
1.2 VGS = 2.5 V Pulsed TA = 125C 75 100
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
VGS = 0 V f = 1.0 MHz
1
Ciss, Coss, Crss - Capacitance - pF
Ciss
0.8
0.6
10
Coss Crss
0.4 25C 0.2 -25C
0 0.01
1 0.1 1 10 0.1 1 10 100
ID - Drain Current - A
VDS - Drain to Source Voltage - V
4
Data Sheet D16529EJ1V0DS
2SK3663
SWITCHING CHARACTERISTICS
1000
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
10
td(on), tr, td(off), tf - Switching Time - ns
VDD = 10 V VGS = 4.0 V RG = 10
VGS = 0 V Pulsed
IF - Diode Forward Current - A
1
td(off) 100 tf
0.1
tr td(on) 10 0.01
0.01
0.001 0.1 1 10 0.4 0.6 0.8 1 1.2 1.4
ID - Drain Current - A
VF (S-D) - Source to Drain Voltage - V
Data Sheet D16529EJ1V0DS
5
2SK3663
* The information in this document is current as of January, 2003. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1


▲Up To Search▲   

 
Price & Availability of 2SK3663

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X